PART |
Description |
Maker |
XTSC0402-470PF |
Extreme Temperature Silicon Capacitor
|
Micross Components
|
XTSC0402-1NF |
Extreme Temperature Silicon Capacitor
|
Micross Components
|
IDT71B74S10TP IDT71B74S10Y IDT71B74S12TP IDT71B74S |
M C SWITCH EXTREME 10/100SM 24-VDC SC M C SWITCH EXTREME 10/100MM 48-VDC ST M C SWITCH EXTREME 10/100MM 24-VDC ST M C SWITCH EXTREME 10/100MM 95-260-VAC ST MC SWITCH STANDARD 10/100MM 115-VAC SC MC SWITCH EXTREME 10/100 SM ST 12-VDC BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MPXV6115VC6U |
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
KTY81/121 KTY81/150 |
Silicon temperature sensors KTY81-1 series; Silicon temperature sensors
|
Philips
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
LP25-122-KT151W LP12-112-KT151W LP12-163-KT151W LP |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 1200 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 5100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, THROUGH HOLE MOUNT RTD TEMP SENSOR-PLATINUM RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 20 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 82 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 180 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 820 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 680 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 11 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 160 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, THROUGH HOLE MOUNT
|
RCD Components, Inc. Golledge Electronics, Ltd. RCD COMPONENTS INC
|
Q62901-B80 KTY19- KTY19-6M KTY19-6Z Q62705-K271 Q6 |
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing SPECIALTY ANALOG CIRCUIT UCC289x Current Mode Active Clamp PWM Controller 16-SOIC -40 to 85 -Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MPXH6300A MPXH6300A6T1 MPXH6300AC6T1 MPXH6300AC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-44.09Psi, 1.5%, 0.30-4.91V, SQUARE, SURFACE MOUNT
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
KTY82-152 KTY82-151 KTY82-150 KTY82-122 KTY82-121 |
Silicon temperature sensors
|
PHILIPS[Philips Semiconductors]
|
KTY83_110 KTY83_120 KTY83_151 KT83A KT83C KT83D KT |
Silicon temperature sensors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|